Part Number Hot Search : 
P4KE30 1R00G 100KPGS W9812 MAXIM 80020 OPE5T87 VTP8551
Product Description
Full Text Search
 

To Download 92315-1645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0923151645 Active
picoflex Picoflex(R) PF-50 IDT-to-IDT, 16 Circuits, 0.45m (1.48' ) Length
Product Specification PS-99020-0011 (PDF) RoHS Certificate of Compliance (PDF) Series Cable Assemblies 92315 Picoflex(R) IDT-to-IDT picoflex Picoflex(R) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Connector to Connector Overview Product Name
Physical
Cable Length Circuits (Loaded) Color - Resin Gender Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Single Ended Termination Interface: Style Waterproof / Dustproof Wire Insulation Diameter Wire Size AWG Wire/Cable Type 0.45m (1.48' ) 16 Natural Female-Female None Phosphor Bronze Tin Tin Polyester Bag 0.050 In 1.27 mm 80.00 2.000 80.00 2.00 No IDT or Pierce No N/A 28 PVC, Ribbon Cable
Search Parts in this Series 92315Series Mates With Picoflex(R) PF-50 Header 90325 , 90800 , 90779 , 90715 , 90814
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 1.2A No 250V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0011 SD-92315-001
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 92315-1645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X